PART |
Description |
Maker |
TLP222G-2 TLP4202G |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
|
D2425F-10 H12D4840D D2440D |
IC,Normally-Open Panel-Mount Solid-State Relay,2-CHANNEL,M:HL048HD4.4 DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX RELAY, SOLID STATE DUAL 40A 240VAC DUAL TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom Inc. Crydom, Inc. CRYDOM CORP
|
PVR2300NPBF |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
|
OCM429CLF-R2 OCM429LDF |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
OKI ELECTRIC INDUSTRY CO LTD
|
CPC1219Y |
Dual Pole Normally Open: 2-Form-A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Clare, Inc.
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
53254 |
40VDC - 10A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
PS7802-1A-F4-A PS7802-1A-F3-A PS7802-1A-A |
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET TRANSISTOR OUTPUT SOLID STATE RELAY, 500 V ISOLATION-MAX
|
NEC
|
MS11-CMX MS11-CMX60D10 MS11-CMX100D6 MS11-CX2405A |
RELAY SSR SPST-NO 60VDC 10A DIN TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 3 -10 Amp 0-200 Vdc DC Output
|
Crydom, Inc. Crydom Inc.,
|